PART |
Description |
Maker |
CPCL10GFH CPCL10GH CPC15GFH |
GAGE, PEIZORESISTIVE PRESSURE SENSOR, 0-0.361Psi, 0-20mV, SQUARE, THROUGH HOLE MOUNT GAGE, PEIZORESISTIVE PRESSURE SENSOR, 0-15Psi, 0-90mV, SQUARE, THROUGH HOLE MOUNT
|
HONEYWELL SENSING AND CONTROL
|
MPXV2202GP MPX2202 MPX2202A MPX2202AP MPX2202ASX M |
GAGE, PEIZORESISTIVE PRESSURE SENSOR, 0-29Psi, 0-40mV, SQUARE, SURFACE MOUNT 200kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors
|
FREESCALE SEMICONDUCTOR INC FREESCALE[Freescale Semiconductor, Inc]
|
SM5320-060-B-P |
GAGE, PEIZORESISTIVE PRESSURE SENSOR, 0-60Psi, 0-180mV, SURFACE MOUNT
|
EXAR CORP
|
MPXV5050GP |
GAGE, PEIZORESISTIVE PRESSURE SENSOR, 0-7.25Psi, 2.5%, 0.20-4.70V, SQUARE, SURFACE MOUNT
|
FREESCALE SEMICONDUCTOR INC
|
26PCDED6G 26PCBFD6G 26PCCEC6G |
PEIZORESISTIVE PRESSURE SENSOR, 0-30Psi, RECTANGULAR PEIZORESISTIVE PRESSURE SENSOR, 0-5Psi, RECTANGULAR PEIZORESISTIVE PRESSURE SENSOR, 0-15Psi, RECTANGULAR
|
HONEYWELL SENSING AND CONTROL
|
MPX4250D MPX4250DP MPX4250GS MPX4250GSX |
OPERATING OVERVIEW INTEGRATED PRESSURE SENSOR 0 to 250 kPa (0 to 36.3 psi) 0.2 to 4.91 Volts Output 经营概况集成压力传感250 kPa36.3 PSI)的0.2.91伏特输出 OPERATING OVERVIEW INTEGRATED PRESSURE SENSOR 0 to 250 kPa (0 to 36.3 psi) 0.2 to 4.91 Volts Output GAGE, PEIZORESISTIVE PRESSURE SENSOR, 0-36.25Psi, 1.4%, 0.20-4.90V, ROUND, THROUGH HOLE MOUNT
|
Motorola Mobility Holdings, Inc. MOTOROLA[Motorola, Inc]
|
B58610T4600A001 B58610T4600A002 B58610T4600A003 B5 |
Pressure sensors Absolute pressure transducers ABSOLUTE, PEIZORESISTIVE PRESSURE SENSOR, ROUND, THROUGH HOLE MOUNT
|
EPCOS AG
|
MPX4250 MPX4250A MPX4250AP MPX4250AS MPX4250ASX |
INTEGRATED PRESSURE SENSOR 20 to 250 kPa (2.9 to 36.3 psi) 0.2 to 4.9 V OUTPUT ABSOLUTE, PEIZORESISTIVE PRESSURE SENSOR, 2.9-36.25Psi, 1.5%, 4.62-4.76V, ROUND, THROUGH HOLE MOUNT
|
Motorola Mobility Holdings, Inc. MOTOROLA[Motorola, Inc]
|
PIC16F76TI_PT PIC16F74TI_SO PIC16LF76I_L PIC16LF76 |
28/40-Pin 8-Bit CMOS FLASH Microcontrollers 28/40-Pin 8位CMOS闪存微控制器 28/40-pin, 8-bit CMOS FLASH Microcontrollers 28/40-pin位CMOS闪存微控制器 BBG ECL GATE OR/NOR DUAL; Package: 20 LEAD PLLC; No of Pins: 20; Container: Rail; Qty per Container: 46 28/40-pin / 8-bit CMOS FLASH Microcontrollers Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 3 psi, Gage, 1/4-18 NPT, 10 Vdc excitation Triple 2-Input XOR/XNOR Gate; Package: SOEIAJ-16; No of Pins: 16; Container: Tape and Reel; Qty per Container: 2000 Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 3 psi, Gage, flush mount, 10 Vdc excitation Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 3 psi, Gage, Cell with body o-ring, 10 Vdc excitation Triple 4-3-3-Input NOR Gate; Package: PDIP-16; No of Pins: 16; Container: Rail; Qty per Container: 25 Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 3 psi, Gage, flush mount with flange, 10 Vdc excitation Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 3 psi, Gage, 7/16 UNF, 10 Vdc excitation BBG ECL GATE OR/NOR DUAL; Package: 20 LEAD PLLC; No of Pins: 20; Container: Tape and Reel; Qty per Container: 500 28/40-Pin 8-Bit CMOS FLASH Microcontrollers
|
Microchip Technology, Inc. Microchip Technology Inc. http://
|
MPXV5050D MPXV5050G |
DIFFERENTIAL, PEIZORESISTIVE PRESSURE SENSOR, 0-7.25Psi, 2.5%, 0.20-4.70V, ROUND, THROUGH HOLE MOUNT Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated(???纭????????锛?甫???淇″?璋????俯搴?ˉ?垮??″????)
|
FREESCALE SEMICONDUCTOR INC 椋???″????浣?涓??)??????
|
MPXV7002GP MPXV7002 MPXV7002DP MPXV7002GC6T1 MPXV7 |
DIFFERENTIAL, PEIZORESISTIVE PRESSURE SENSOR, -.29-0.29Psi, 6.25%, 2.50-4.50V, SQUARE, SURFACE MOUNT Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
|
FREESCALE SEMICONDUCTOR INC FREESCALE[Freescale Semiconductor, Inc]
|
|